PART |
Description |
Maker |
MAX1645B MAX1645BEEI |
" Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1647-MAX1648 MAX1648ESE MAX1647EAP |
Chemistry-Independent Battery Chargers 化学,独立电池充电器
|
Maxim Integrated Products, Inc.
|
258669 259892 258933 258932 258935 258937 258936 |
8-/4-Channel, ±12V Multirange Inputs, Serial 16-Bit ADCs 8-/4-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 标志,接 Advanced-Chemistry-Independent, Level-2 Battery Chargers with Input Current Limiting 标志,死亡的危险
|
Maxim Integrated Products, Inc. B&K Precision, Corp.
|
GR581 |
GR581 - Low noise Adaptive High Pass Filter with Independent Gain Block Adaptive Highpass Filter with Independent Gain Block
|
Gennum Corporation
|
LTC4012-3 LTC4012CUF-3-PBF LTC4012CUF-3-TRPBF LTC4 |
High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
|
Linear Technology
|
LTC4012CUF-2TRPBF LTC4012CUF-1PBF LTC4012CUF-1TRPB |
High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
|
Linear Technology
|
CS8371 CS8371ET7 CS8371ETVA7 |
TRANS NPN 50V 30MA VMT3 8V/1A/ 5V/250mA Dual Regulator with Independent Output Enables and NoCap 8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
|
ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
DE375-301N40-00 DE150-102N02-00 |
TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 300V V(BR)DSS | 40A I(D) 晶体管| MOSFET功率模块|独立| 300V五(巴西)直| 40A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 1KV V(BR)DSS | 2A I(D) 晶体管| MOSFET功率模块|独立| 1KV交五(巴西)直|甲(丁)
|
EPCOS AG Electronic Theatre Controls, Inc.
|
CS8371ET7 CS8371-D CS8371ETVA7 CS8371 |
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP(8.0V/1A,5.0V/250mA,带有独立输出使能端与无需外部电容功能的双路稳压器) 8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
|
ON Semiconductor
|